|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SF1101A 85.38 MHz SAW Filter PRELIMINARY * * * * Designed for CDMA Receivers Low Insertion Loss Hermetic SMP-75 Surface-Mount Case Unbalanced Input and Output Characteristic Nominal Center Frequency Passband Insertion Loss at fc 5 dB Passband Amplitude Ripple over fc 300 kHz Phase Linearity over fc 500 kHz Rejection fc-5.0 to fc-0.9 and fc+0.9 to fc+5.0 MHz At fc5.0 MHz Ultimate Operating Temperature Range Impedance Matching to 50 unbalanced Case Style Lid symbolization (YY = year, WW = week) Absolute Maximum Ratings Rating Maximum Incident Power in Passband Max. DC voltage between any 2 terminals Storage Temperature Range Max Soldering Profile Sym fc IL BW5 Min Typ 85.380 10.5 Max 12.0 0.7 3 630 33 40 60 -30 +80 Units MHz dB kHz dBP-P rms dB Notes 1 1, 2 1, 2, 3 C 1 External L-C SMP-75 19 x 6.5 mm Nominal Footprint RFM SF1101A YYWW Electrical Connections Connection Terminals Port 1 Hot 10 Port 1 Gnd Return 1 Port 2 Hot 5 Port 2 Gnd Return 6 Case Ground All others Value Units +10 dBm 30 VDC -40 to +85 C 265C for 10 s Notes: 1. Unless noted otherwise, all specifications apply over the operating temperature range with filter soldered to the specified demonstration board with impedance matching to 50 and measured with 50 network analyzer. 2. Unless noted otherwise, all frequency specifications are referenced to the nominal center frequency, fc. 3. Rejection is measured as attenuation below the minimum IL point in the passband. Rejection in final user application is dependent on PCB layout and external impedance matching design. See Application Note No. 42 for details. 4. "LRIP" or "L" after the part number indicates "low rate initial production" and "ENG" or "E" indicates "engineering prototypes." 5. The design, manufacturing process, and specifications of this filter are subject to change. 6. Either Port 1 or Port 2 may be used for either input or output in the design. However, impedances and impedance matching may vary between Port 1 and Port 2, so that the filter must always be installed in one direction per the circuit design. 7. US and international patents may apply. 8. RFM, stylized RFM logo, and RF Monolithics, Inc. are registered trademarks of RF Monolithics, Inc. 9. (c)Copyright 1999, RF Monolithics Inc. 10. Electrostatic Sensitive Device. Observe precautions for handling. RF Monolithics, Inc. 4347 Sigma Road Dallas, Texas 75244 USA Phone: +1(972)233-2903 Fax: +1(972)387-8148 e-mail: info@rfm.com Home page: www.rfm.com European Sales Office 44 1963 251383 44 1963 251510 SF1101A 7/23/1999 R SF1101A 85.38 MHz SAW Filter 0 dB -20 -40 -60 -80 -100 600 kHz/DIV 0 dB -2 -4 1 ns/DIV 150 kHz/DIV Phone: +1(972)233-2903 Fax: +1(972)387-8148 e-mail: info@rfm.com Home page: www.rfm.com -6 -8 -10 RF Monolithics, Inc. 4347 Sigma Road Dallas, Texas 75244 USA European Sales Office 44 1963 251383 44 1963 251510 SF1101Ap SMP-75 Case 10-Terminal Ceramic Surface-Mount Case 19 x 6.5 mm Nominal Footprint Dimension A B C D E H P Min 18.80 6.30 mm Nom 19.00 6.50 1.75 2.29 1.02 0.76 1.905 Max 19.30 6.80 2.00 Min 0.740 0.248 Inches Nom 0.748 0.256 0.069 0.090 0.040 0.030 0.075 Max 0.760 0.268 0.079 B C H D P (8 Places) 5 4 A 3 2 1 6 7 8 9 10 E (10 Places) RF Monolithics, Inc. Phone: (972) 233-2903 Fax: (972) 387-8148 RFM Europe Phone: 44 1963 251383 Fax: 44 1963 251510 (c)1999 by RF Monolithics, Inc. The stylized RFM logo and RFM are registered trademarks of RF Monolithics, Inc. E-mail: info@rfm.com http://www.rfm.com SMP-75 |
Price & Availability of SF1101A |